PART |
Description |
Maker |
MTB2P50ET4 MTB2P50ET4G MTB2P50E |
Power MOSFET 2 Amps, 500 Volts(2A, 500V功率MOSFET) 2 A, 500 V, 6 ohm, P-CHANNEL, Si, POWER, MOSFET Power MOSFET 2 Amps, 500 Volts P−Channel D2PAK
|
ON Semiconductor
|
MTW20N50E-D |
Power MOSFET 20 Amps, 500 Volts N-Channel TO-247
|
ON Semiconductor
|
NTP6N50 |
Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
|
ONSEMI[ON Semiconductor]
|
MTW14N50E-D |
Power MOSFET 14 Amps, 500 Volts N-Channel TO-247
|
ON Semiconductor
|
NTP8N50-D |
Power MOSFET 8 Amps, 500 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
NTMD6N02R2/D NTMD6N02R2-D |
Power MOSFET 6.0 Amps, 20 Volts N-Channel Enhancement Mode Dual SO-8 Package Power MOSFET 6.0 Amps20 Volts
|
ON Semiconductor
|
MTD3055V1 MTD3055VT4 MTD3055V MTD3055V-D |
Power MOSFET 12 Amps, 60 Volts N-Channel DPAK Power MOSFET 12Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTD3055-150-D NTD3055-150/D |
Power MOSFET 9.0 Amps60 Volts Power MOSFET 9.0 Amps, 60 Volts N-Channel DPAK
|
ON Semiconductor
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTB23N03RT4G NTB23N03R NTB23N03RG NTB23N03RT4 |
Power MOSFET 23 Amps, 25 Volts N−Channel D2PAK 6 A, 25 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 23 Amps, 25 Volts N−Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
|